Part Number Hot Search : 
P12NM50 060CT 00DT1 P0603 10X20 TEG2411 72063 AS321K
Product Description
Full Text Search
 

To Download BAT54C-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat54 thru bat54s 200mwatt, 30volt schottky barrier diode sot-23 suggested solder pad layout features ? low forward voltage ? surface mount device dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 maximum ratings continuos reverse voltage v r 30v electrical characteristics @ 25 c unless otherwise specified characteristics symbol max. notes forward voltage at i f = 0.1ma i f = 1ma i f = 10ma i f = 30ma i f = 100ma v f 240mv 320mv 400mv 500mv 1000mv reverse current i r 2.0 ua v r = 25v capacitance c j 10pf measured at 1.0mhz, v r =1.0v reverse recovery time t rr 5ns i f =i r =10ma; i (rec) = 1ma thermal resistance, junction to ambient r ja 50 0 .079 2.000 in c h es mm . 03 1 .800 .035 .900 . 03 7 .950 .037 .950 a b c d e f g h j k www. mccsemi .com forward continuouscurrent i f 200ma  
 omp onents 20736 marilla street chatsworth       
     m c c non-repetitive peak forward current t<1s i fsm 0.6a total power dissipation @ t a = 25 c p d 200mw storage temperature range t stg -55 c to 150 c operating junction temperature range j soldering temperature during 10s tj 260c c/w revision: b 2013/01/01 mcc catalog number type pin configuration bat54 bat54a2 bat54c bat54s tm micro commercial components -55 c to 125 c t 1 of 3 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 b .083 .104 2.10 2.64 ? halogen free available upon request by adding suffix "-hf" lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information) 12 kl1 l4 single figure 1 kl2 dual l42 figure l43 kl3 figure 3 dual kl4 l44 dual figure 4 see page 3 device marking
www. mccsemi .com bat54 thru bat54s m c c revision: b 2013/01/01 tm micro commercial components 0.1 0.01 1 0.001 0.0001 0 1.0 0.4 0.6 0.8 0.2 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g . 1 forward characteristics f t = -40oc a t = 125oc a t = 75oc a t = 25oc a t = 0oc a 0.001 0.01 0.1 10 1 100 0 5 10 15 20 25 30 v , instantaneous reverse voltage (v) fi g . 2 t y pical reverse characteristics r t = 25oc a t = 75oc a t = 125oc a t = 0oc a 0 100 0 25 50 75 100 125 p power dissipation (mw) d, t , ambient temperature ( c) fi g . 4 power deratin g curve a 200 0 2 4 10 8 6 12 0 10 15 5 20 30 25 c , total capacitance (pf) t v , reverse voltage (v) fi g . 3 t y pical capacitance vs. reverse volta g e r f = 1.0mhz bat54 bat54a bat54c bat54s figure 1 figure 2 figure 3 figure 4 pin configuration - top view 1 2 3 2 of 3
m c c revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of BAT54C-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X